Part Number Hot Search : 
NCE0208I S0104 MODEL 2N6502 TC8600 CLL4701 SB1B0S CLL4701
Product Description
Full Text Search
 

To Download 1350-2A-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1350 Series AC Voltage Level Sensor, Relay Output
Product Facts
I
I
I
Standard models combine AC (400 Hz.) voltage-sensing circuit with 2A DPDT output relay. Various applications I Motor protection I Ground support equipment I Low or high line alarms I Computer protection Many customizing options I Solid state output I Two-stage sensing (voltage band) I Up to 10A relay output I 3 phase version I Controlled dropout differential I Operate with auxiliary control voltage I Under and over voltage trip I Time delay on trip point I Tighter accuracy I Lower trip points I Different package, mounting, header I 60 Hz. versions
The CII 1350 series AC voltage sensor energizes a relay when the monitored power line voltage reaches a predetermined level. This rugged unit with reliable solidstate design provides precise, repeatable operation over a
wide temperature range. The input voltage is fed into a temperature compensated comparator circuit. When the input reaches the preset level, transistor amplifiers switch the output relay. This output may control any external devices,
process or warning system to protect expensive equipment. The unit is potted and hermetically sealed and is designed to meet the environmental requirements of MIL-R-83726.
Outline Dimensions
.063 MAX. .375 [1.60] [9.53]
#4-40 THD 4 PLACES
.625 [15.875]
2.0 MAX. [50.8]
2.0 MAX. [50.8]
2.0 MAX. [50.8] 1.25 [31.75] .625 [15.875]
Electrical Specifications
Pull-In Voltage: Any voltage level between 50 to 150Vac, 400 Hz., in 1.0 volt increments. Drop-Out Voltage: 0 to 3.0V max, (1.5V nom.) below pull-in voltage. Current Drain: 100mA max @ 25C. Accuracy: 2.5% of set point over temperature range. Max. Allowable Applied Voltage: 150% of specified pull-in voltage. Auxiliary Voltage: None required. Operate and Release Times: 50ms max. over the temperature range. Contact Arrangement: 2 Form C (DPDT). Contact Rating: 2 amps resistive @30Vdc 300mA resistive @ 115 Vrms, 400 Hz.
.063 MAX. [1.60] .375 [9.53] INDEX DOT 1.00 MAX. [25.4] .625 [15.875] .875 1.25 MAX. [22.22] [31.75] .75 DIA. [19.05] MAX. #4-40 THD 4 PLACES
1.00 MAX. [25.4] .625 [15.875] .875 1.25 MAX. [22.22] [31.75] .250 [6.35] INDEX DOT
.250 [6.35] .375 [9.53] .063 MAX. [1.60] 1.00 MAX. [25.4] 1.25 MAX. [31.75] #4-40 THD 4 PLACES INDEX DOT
Mounting Option A
Mounting Option B
Mounting Option C
Environmental Specifications
Temperature Range: -55C to +125C. Vibration: 20'G,s, 10 - 2,000 Hz. Shock: 50 G's, 11 1ms duration. Insulation Resistance: 1,000 megohms, min., at 500Vdc, all terminals to case. Dielectric Strength: 1,000Vrms, 60 Hz., at sea level, all terminals to case. Sealing: Hermetic, 1.3 in. (33.0mm) of mercury. Life: 100,000 operations, min. Weight: 3.5 oz (99.2g) max.
Catalog 7-1773439-5 Revised 1-06 www.tycoelectronics.com
Wiring Diagram
INPUT INDEX DOT
Part Numbering System
Typical Part Number 1350 -2 Series: 1350 = AC Voltage Level Sensor, Relay Output Contact Form: 2 = 2 Form C (DPDT) Mounting (see outline dimension drawings): A = Studs on bottom B = Studs on top C = Studs on side Pull-In Voltage: Specify any level between 50 and 150Vac in 1.0 volt increments A - 100.0
(c) 2006 by Tyco Electronics Corporation. All Rights Reserved. CII and TYCO are trademarks. Other products and company names mentioned herein may be trademarks of their respective owners.
1
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA: 1-800-522-6752 Canada: 1-905-470-4425 Mexico: 01-800-733-8926 C. America: 52-55-5-729-0425 South America: 55-11-3611-1514 Hong Kong: 852-2735-1628 Japan: 81-44-844-8013 UK: 44-141-810-8967


▲Up To Search▲   

 
Price & Availability of 1350-2A-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X